PART |
Description |
Maker |
MAX496-MAX497 MAX497 MAX497CPE MAX497CSE MAX496CSE |
375MHz四闭环视频缓冲器,影音\u003d 1 375MHz Quad Closed-Loop Video Buffers / AV = 1 and 2 High-Output RS-485 Transceiver 8-PDIP -40 to 85 High-Output RS-485 Transceiver 8-SOIC -40 to 85 375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2 375MHz Quad Closed Loop Video Buffers, Av = 1 and 2
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IMS7 24IMS7-03-9 24IMS7-05-05-9 24IMS7-05-9 24IMS7 |
7 Watt DC-DC Converters Standard Metal Shell Nano Strip Connector CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 2000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 500 A nominal, ± 1200 amp range, 5000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 50 A nominal, ± 90 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, center pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, offset pin, 2000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 50 A nominal, ± 90 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 2000 turn
|
http:// POWER-ONE[Power-One]
|
EL2072C EL2072CN EL2072CS |
730 MHz Closed Loop Buffer
|
ELANTEC[Elantec Semiconductor]
|
BUF04AZ_883 BUF04 BUF04GS BUF04GBC BUF04GP |
Closed-Loop High Speed Buffer
|
AD[Analog Devices]
|
MC33039-D |
Closed Loop Brushless Motor Adapter
|
ON Semiconductor
|
HFA11XXEVAL HFA1115 HFA1115_04 HFA1115IB HFA1115IP |
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
|
INTERSIL[Intersil Corporation]
|
HFA1212 |
Buffer, Dual, Closed Loop, Programmable Gain ( /-1, 2), 350MHz, Low Power
|
Intersil
|
27C64-25E/P 27C64-25E/J 27C64-25E/TS 27C64-25E/SO |
330MHz, Gain of 1/Gain of 2 Closed-Loop Buffers Evaluation Kit for the MAX4159, MAX4259 High-Speed, Low-Distortion, Differential Line Receivers SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps x8存储 x8 EPROM x8存储
|
Microchip Technology, Inc. TUSONIX, Inc.
|
HFA1115 |
Buffer, Closed Loop, Programmable Gain ( /-1, 2), 225MHz, Video, Low Power, Output Limiting
|
Intersil
|
HFA1114 |
Buffer, Closed Loop, Programmable Gain ( /-1, 2), 850MHz, Video/RF, Cable Driving Buffer with Equalization Provision
|
Intersil
|
TMC332-BC TMC332-EVAL TMC332 |
Micro Step Sequencer for 2-phase and 3-phase Motors with Integrated PWM Units and Closed Loop Current Regulator
|
http:// TRINAMIC Motion Control GmbH & Co. KG.
|
|